Part Number Hot Search : 
D42C1 CXA2013M MMBZ5260 MC3479 AX1006 E000859 114EK 4VCXH
Product Description
Full Text Search
 

To Download MMDT3904VC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODEL: MMDT3904VC
MMDT3904VC
Lead-free Green
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
* * * * *
Epitaxial Planar Die Construction Ideal for Low Power Amplification and Switching Ultra-Small Surface Mount Package Lead Free By Design/RoHS Compliant (Note 4) "Green Device" (Note 5)
E1 B1 C2 C1
A
B2 E2
BC
SOT-563 Dim A B C D Min 0.15 1.10 1.55 0.90 1.50 0.56 0.10 0.10 Max 0.30 1.25 1.70 0.50 1.10 1.70 0.60 0.30 0.18 1.00 1.60 0.60 0.20 3/4 Typ 0.25 1.20 1.60
Mechanical Data
* * * * * * * * *
Case: SOT-563 Case Material: Molded Plastic, "Green" Molding Compound. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Finish - Matte Tin annealed over Copper leadframe. Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Marking (See Page 2): APK Ordering Information: See Below Date Code Information: See Page 2 Weight: 0.003 grams (approximate)
K
D G
M H
G H
L
K L M
SEE NOTE 1
C1 B2 E2
All Dimensions in mm
E1
B1
C2
Maximum Ratings
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current - Continuous Power Dissipation (Note 2)
@ TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC Pd RqJA Tj, TSTG Value 60 40 6.0 200 200 625 -55 to +150 Unit V V V mA mW C/W C
Characteristic
Thermal Resistance, Junction to Ambient Operating and Storage Temperature Range
Ordering Information (Note 3)
Device MMDT3904VC-7
Notes:
Packaging SOT-563
Shipping 3000/Tape & Reel
1. Package is non-polarized. Parts may be on reel in orientation illustrated, 180 rotated, or mixed (both ways). 2. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 4. No purposefully added lead. 5. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
DS30636 Rev. 4 - 2
1 of 4 www.diodes.com
MMDT3904VC
a Diodes Incorporated
Electrical Characteristics
Characteristic OFF CHARACTERISTICS (Note 6) Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Base Cutoff Current ON CHARACTERISTICS (Note 6)
@ TA = 25C unless otherwise specified Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICEX IBL Min 60 40 5.0 3/4 3/4 40 70 100 60 30 3/4 0.65 3/4 3/4 3/4 1.0 0.5 100 1.0 300 3/4 Max 3/4 3/4 3/4 50 50 3/4 3/4 300 3/4 3/4 0.20 0.30 0.85 0.95 4.0 8.0 10 8.0 400 40 3/4 5.0 Unit V V V nA nA Test Condition IC = 10mA, IE = 0 IC = 1.0mA, IB = 0 IE = 10mA, IC = 0 VCE = 30V, VEB(OFF) = 3.0V VCE = 30V, VEB(OFF) = 3.0V IC = 100A, VCE = IC = 1.0mA, VCE = IC = 10mA, VCE = IC = 50mA, VCE = IC = 100mA, VCE = 1.0V 1.0V 1.0V 1.0V 1.0V
DC Current Gain
hFE
3/4
Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage SMALL SIGNAL CHARACTERISTICS Output Capacitance Input Capacitance Input Impedance Voltage Feedback Ratio Small Signal Current Gain Output Admittance Current Gain-Bandwidth Product Noise Figure SWITCHING CHARACTERISTICS Delay Time Rise Time Storage Time Fall Time
Notes: 6. Short duration test pulse used to minimize self-heating.
VCE(SAT) VBE(SAT)
V V
IC = 10mA, IB = 1.0mA IC = 50mA, IB = 5.0mA IC = 10mA, IB = 1.0mA IC = 50mA, IB = 5.0mA VCB = 5.0V, f = 1.0MHz, IE = 0 VEB = 0.5V, f = 1.0MHz, IC = 0
Cobo Cibo hie hre hfe hoe fT NF
pF pF kW x 10-4 3/4 mS MHz dB
VCE = 10V, IC = 1.0mA, f = 1.0kHz
VCE = 20V, IC = 10mA, f = 100MHz VCE = 5.0V, IC = 100mA, RS = 1.0kW, f = 1.0kHz VCC = 3.0V, IC = 10mA, VBE(off) = - 0.5V, IB1 = 1.0mA VCC = 3.0V, IC = 10mA, IB1 = IB2 = 1.0mA
td tr ts tf
3/4 3/4 3/4 3/4
35 35 200 50
ns ns ns ns
Marking Information
APK YM
APK = Product Type Marking Code YM = Date Code Marking Y = Year ex: R = 2004 M = Month ex: 9 = September
Date Code Key Year Code 2005 S 2006 T 2007 U 2008 V 2009 W 2010 X 2011 Y 2012 Z
Month Code
Jan 1
Feb 2
March 3
Apr 4
May 5
Jun 6
Jul 7
Aug 8
Sep 9
Oct O
Nov N
Dec D
DS30636 Rev. 4 - 2
2 of 4 www.diodes.com
MMDT3904VC
250 Pd, POWER DISSIPATION (mW)
CIBO, INPUT CAPACITANCE (pF) COBO, OUTPUT CAPACITANCE (pF)
15
f = 1MHz
200
10
150
100
5
Cibo
50
Cobo
0 -50 0 50 100 150
0 0.1
1
10
100
TA, AMBIENT TEMPERATURE (C) Fig. 1, Derating Curve - Total
VCB, COLLECTOR-BASE VOLTAGE (V) Fig. 2, Input and Output Capacitance vs. Collector-Base Voltage
1000
VCE(SAT), COLLECTOR-EMITTER (V) SATURATION VOLTAGE
1
IC IB = 10
hFE, DC CURRENT GAIN
TA = 125C
100
TA = -25C
TA = +25C
0.1
10
VCE = 1.0V
1 0.1 1 10 100 1000 IC, COLLECTOR CURRENT (mA) Fig. 3, Typical DC Current Gain vs Collector Current
10
IC IB = 10
0.01 0.1 1 10 100 1000
IC, COLLECTOR CURRENT (mA) Fig. 4, Typical Collector-Emitter Saturation Voltage vs. Collector Current
VBE(SAT), BASE-EMITTER (V) SATURATION VOLTAGE
1
0.1 0.1
1
10
100
1000
IC, COLLECTOR CURRENT (mA) Fig. 5, Typical Base-Emitter Saturation Voltage vs. Collector Current
DS30636 Rev. 4 - 2
3 of 4 www.diodes.com
MMDT3904VC
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30636 Rev. 4 - 2
4 of 4 www.diodes.com
MMDT3904VC


▲Up To Search▲   

 
Price & Availability of MMDT3904VC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X